PART |
Description |
Maker |
EPM5032LC-20 EPM5032LI-25 EPM5032DC-15 EPM5032DC-2 |
UV-Erasable/OTP PLD Eval Board for ISL6504 Multiple Linear Power Controller with ACPI Control Interface Eval Board for ISL6296 FlexiHash For Battery Authentication Eval Board for ISL6527A Single Synchronous Buck Pulse-Width Modulation (PWM) Controller Eval Board for ISL6520 Single Synchronous Buck Pulse-Width Modulation (PWM) Controller UV-Erasable/OTP可编程逻辑器件 Eval Board for ISL6310 Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
|
Cypress Semiconductor, Corp.
|
ISL6420IR |
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
|
INTERSIL[Intersil Corporation]
|
ISL6545IBZ ISL6545CBZ ISL6545CRZ ISL6545ACBZ ISL65 |
5V or 12V Single Synchronous Buck Pulse-Width Modulation PWM Controller
|
Intersil Corporation
|
ELANSC400-33AC ELANSC410-33AC ELANSC400-33AI ELANS |
5566-12BGS /N/MINI FIT CONN HOUS ASSY Single Synchronous Buck Pulse-Width Modulation (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 14-SOIC T&R Single-Chip, Low-Power, PC/AT-Compatible Microcontrollers 32-BIT, FLASH, 33 MHz, MICROCONTROLLER, PBGA292
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
ELH0021CK |
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R
|
|
ISL6420BIRZ-TK |
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller; 20-QFN; Ind Temp; T&R 0.05 A SWITCHING CONTROLLER, 1400 kHz SWITCHING FREQ-MAX, PQCC20
|
Intersil, Corp.
|
IP2002 IP2002TR |
Synchronous Buck Multiphase Optimized BGA Power Block. Synchronous Buck Synchronous Buck Integrated Power Semiconductors/ Drivers & Passives
|
International Rectifier
|
EM12D15-750 EM24D15-750 EM48D15-750 EM12S15-1500 E |
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTTTermination; Temperature Range: 0°C to 70°C; Package: 24-SOIC Synchronous Buck Pulse-Width Modulator (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 14-SOIC Multi-Purpose Precision Multiphase PWM Controller With Optional Active Voltage Positioning; Temperature Range: -40°C to 85°C; Package: 20-QFN Multiphase PWM Controller; Temperature Range: 0°C to 70°C; Package: 28-SOIC Multiphase PWM Controller; Temperature Range: 0°C to 70°C; Package: 32-QFN 模拟IC Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTTTermination; Temperature Range: 0°C to 70°C; Package: 32-QFN T&R 模拟IC 3-in-1 ACPI Regulator/Controller for Dual Channel DDR and DDR2 Memory Systems; Temperature Range: 0°C to 70°C; Package: 28-QFN T&R 模拟IC
|
Electronic Theatre Controls, Inc. Electronic Devices, Inc. Square D by Schneider Electric
|
FAN21SV06 FAN21SV06EMPX FAN21SV06MPX |
TinyBuck?/a> 6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability TinyBuck垄芒 6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
|
Fairchild Semiconductor
|
UCD9111 |
SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
|
http://
|